PART |
Description |
Maker |
ZVNL110G |
N-channel MOSFET SOT223 N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD VERTICAL DMOS FET
|
Zetex Semiconductors Diodes Incorporated
|
SI3493DV-T1-E3 SI3493DV SI3493DV-T1 |
P-Channel 20-V (D-S) MOSFET, Low-Threshold
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
TP0101K04 |
P-Channel 20-V (D-S) MOSFET, Low-Threshold
|
Vishay Siliconix
|
SI8407DB-T2-E1 SI8407DB SI8407DB-T2 |
P-Channel 20-V (D-S) MOSFET, Low-Threshold
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
SI9433DY |
P-Channel 20-V (D-S) MOSFET, Low-Threshold P通道20 - V(下局副局长)MOSFET的低阈
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
STP10N10LFI STP10N10L |
N-Channel Enhancement Mode Low Threshold Power MOS Transistor
|
ST Microelectronics
|
TN2529K6-G TN2529 |
Low Threshold N-Channel Enhancement-Mode Vertical DMOS FET
|
Supertex, Inc
|
TC53 TC53N3002ETR TC53C1802CTTR TC53C1802ETR TC53C |
The TC53 is a low power voltage detector. Typical supply current consumption is only 1A at an input voltage of 2V. The voltage detection threshold setting is factory-programmed and guaranteed to ±2% accuracy. Threshold settings are a
|
MICROCHIP[Microchip Technology]
|
STD12N05L STD12N06L 2974 |
N-CHANNEL POWER MOSFET N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STK12N05L STK12N06L |
(STK12N05L / STK12N06L) N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
|
STMicroelectronics
|